Part Number Hot Search : 
RLZ30B CLL4734A SI7625DN 7SZ12 FBI2M4S1 SI7625DN CN100 OP593
Product Description
Full Text Search
 

To Download 596-10-168-01-005461 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mill-max-mfg.corp., p.o. box 300, 190 pine hollow road, oyster bay, ny 11771-0300.tel: 516-922-6000 fax: 516-922-9253 221 for bga mount adapters locate footprint pattern from page 222, the middle 8 digits of the part number will be located under the pattern. for female sockets locate footprint pattern from page 222, the middle 8 digits of the part number will be located under the pattern. 9 9 9 ball grid arrays for 1mm grid male pin adapters & female socket series 5x9 ? bga adapter/socket systems are a reliable way to make bgas pluggable, they may also be used as a high density board-to-board interconnect. ? the bga device is soldered to a 9929 adapter (or a 7929 adapter is soldered to a pcb); and then either one can be plugged into a 9928 surface mount socket. ? both socket and adapter have the same footprint as the bga device. ? insertion force is only .41n per pin, and a pry-bar tool (part #828-01-010) is available for extraction. ? insulator material is fr-4 epoxy having a tce to match the bga device and circuit board. ? mill-max offers the option of having the solder surfaces of the 7929 adapter and 9928 socket pre-tinned. .047 .010 dia. .024 dia. .054 .123 .025 .090 .047 .024 dia. .033 dia. ordering information series plating window 9 1 0 4 9 code - - -- no. of pins grid size pattern # determined from footprint pattern on page 222 2 specify plating code xx= sleeve (pin) contact (clip) 11 10 ?au 10 ?au series plating window 1 1 4 8 code - --- no. of pins grid size pattern # determined from footprint pattern on page 222 2 plating code xx= pin plating 10 10 ?au bga mount adapter pin type 9929 printed circuit mount adapter pin type 7929 surface mount receptacle type 9928 5 for pcb mount adapters locate footprint pattern from page 222, the middle 8 digits of the part number will be located under the pattern. 9 series plating window 7 1 0 4 9 code - - -- no. of pins grid size pattern # determined from footprint pattern on page 222 2 5 6 9 1 0 4 1 - - -- 6 5 5 6 9 1 1 4 5 - --- 4 5 .018 .054 .141 .010 dia. .024 dia. .047 pre- tinned pre- tinned
34 x 34 xxx-xx-580-17-005 34 x 34 xxx-xx-680-17-005 39 x 39 xxx-xx-560-20-007 mill-max-mfg.corp., p.o. box 300, 190 pine hollow road, oyster bay, ny 11771-0300.tel: 516-922-6000 fax: 516-922-9253 ball grid array footprints (1mm grid) top view shown, many other standard and custom footprints available. call mill-max for details. 8 x 8 xxx-xx-054-04-005 11 x 15 xxx-xx-165-01-005 14 x 14 xxx-xx-168-07-005 14 x 14 xxx-xx-196-07-000 26 x 26 xxx-xx-675-13-005 26 x 26 xxx-xx-676-13-000 30 x 30 xxx-xx-432-15-001 16 x 16 xxx-xx-208-08-001 22 x 22 xxx-xx-324-11-005 22 x 22 xxx-xx-376-11-005 22 x 22 xxx-xx-484-11-005 26 x 26 xxx-xx-352-13-007 26 x 26 xxx-xx-388-13-007 26 x 26 xxx-xx-484-13-005 8 x 8 xxx-xx-064-04-000 10 x 10 xxx-xx-100-05-000 16 x 16 xxx-xx-256-08-007 18 x 18 xxx-xx-324-09-000 26 x 26 xxx-xx-672-13-005 33 x 33 xxx-xx-560-17-001 39 x 39 xxx-xx-680-20-005 222


▲Up To Search▲   

 
Price & Availability of 596-10-168-01-005461

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X